전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VIPER012LS 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 VIPER012LS
상세설명  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER012LS 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button VIPER012LS Datasheet HTML 21Page - STMicroelectronics VIPER012LS Datasheet HTML 22Page - STMicroelectronics VIPER012LS Datasheet HTML 23Page - STMicroelectronics VIPER012LS Datasheet HTML 24Page - STMicroelectronics VIPER012LS Datasheet HTML 25Page - STMicroelectronics VIPER012LS Datasheet HTML 26Page - STMicroelectronics VIPER012LS Datasheet HTML 27Page - STMicroelectronics VIPER012LS Datasheet HTML 28Page - STMicroelectronics VIPER012LS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
VIPer01
General description
DocID028751 Rev 1
25/36
4.15
Thermal shutdown
If the junction temperature becomes higher than the internal threshold TSD (160 °C, typ.),
the PWM is disabled. After tRESTART time, a single switching cycle is performed, during
which the temperature sensor embedded in the power MOSFET section is checked. If a
junction temperature above TSD is still measured, the PWM is maintained disabled for
tRESTART time, otherwise it resumes switching with soft-start phase.
During tRESTART VCC is maintained between VCSon and VCCon levels by the HV current source
periodical activation. Such a behavior is summarized in below figure:
Figure 32: Thermal shutdown timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36