전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VIPER011LSTR 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 VIPER011LSTR
상세설명  Energy saving off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER011LSTR 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button VIPER011LSTR Datasheet HTML 20Page - STMicroelectronics VIPER011LSTR Datasheet HTML 21Page - STMicroelectronics VIPER011LSTR Datasheet HTML 22Page - STMicroelectronics VIPER011LSTR Datasheet HTML 23Page - STMicroelectronics VIPER011LSTR Datasheet HTML 24Page - STMicroelectronics VIPER011LSTR Datasheet HTML 25Page - STMicroelectronics VIPER011LSTR Datasheet HTML 26Page - STMicroelectronics VIPER011LSTR Datasheet HTML 27Page - STMicroelectronics VIPER011LSTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
General description
VIPer01
24/36
DocID028751 Rev 1
Figure 31: Connection for output overvoltage protection (non-isolated topologies)
If VOVP is the desired input/output overvoltage threshold, the resistors RH and RL of the
voltage divider are to be selected according to the following formula:
The power dissipation associated to the DIS network is:
in case of connection for the input overvoltage detection and
in case of connection for the output overvoltage detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36