| 전자부품 데이터시트 검색엔진 |
|
USB5744T-I/2G 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744T-I/2G 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 49 page ![]() USB5744 DS00001855D-page 38 2015-2016 Microchip Technology Inc. 9.7 Clock Specifications The device can accept either a 25MHz crystal or a 25MHz single-ended clock oscillator (±50ppm) input. If the single- ended clock oscillator method is implemented, XTALO should be left unconnected and XTALI/CLK_IN should be driven with a nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60% maximum. It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals (XTALI/XTALO). The following circuit design (Figure 9-6) and specifications (Table 9-10) are required to ensure proper operation. 9.7.1 CRYSTAL SPECIFICATIONS It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals (XTALI/XTALO). Refer to Table 9-10 for the recommended crystal specifications. Note 6: Frequency Deviation Over Time is also referred to as Aging. FIGURE 9-6: 25MHZ CRYSTAL CIRCUIT TABLE 9-10: CRYSTAL SPECIFICATIONS Parameter Symbol Min Nom Max Units Notes Crystal Cut AT, typ Crystal Oscillation Mode Fundamental Mode Crystal Calibration Mode Parallel Resonant Mode Frequency Ffund - 25.000 - MHz Frequency Tolerance @ 25oCFtol - - ±50 PPM Note 6 Frequency Stability Over Temp Ftemp - - ±50 PPM Note 6 Frequency Deviation Over Time Fage - ±3 to 5 - PPM Total Allowable PPM Budget - - ±100 PPM Note 7 Shunt Capacitance CO - 7 typ - pF Load Capacitance CL - 20 typ - pF Drive Level PW 100 - - uW Equivalent Series Resistance R1 -- 50 Ω Operating Temperature Range Note 7 - Note 8 oC XTALI/CLK_IN Pin Capacitance - 3 typ - pF Note 9 XTALO Pin Capacitance - 3 typ - pF Note 9 USB5742 XTALO XTALI Y1 C1 C2 |