| 전자부품 데이터시트 검색엔진 |
|
USB5744T/2G 데이터시트(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5744T/2G 데이터시트(HTML) 47 Page - Microchip Technology |
|
47 / 49 page ![]() 2015-2016 Microchip Technology Inc. DS00001855D-page 47 USB5744 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: USB5744 Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +70C (Commercial) I= -40 C to +85C (Industrial) Package: 2G = 56-pin VQFN Examples: a) USB5744/2G Tray, Commercial temp., 56-pin VQFN b) USB5744-I/2G Tray, Industrial temp., 56-pin VQFN c) USB5744T-I/2G Tape & reel, Industrial temp., 56-pin VQFN d) USB5744T/2G Tape & reel, Commercial temp., 56-pin VQFN Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape & Reel / Temperature Range XX [X] [-X] Package Option |