| 전자부품 데이터시트 검색엔진 |
|
SST25WF512 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST25WF512 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 36 page ![]() ©2014 Silicon Storage Technology, Inc. DS20005016C 11/14 2 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040 EOL Data Sheet Product Description The SST25WF512, SST25WF010, SST25WF020, and SST25WF040 are members of the Serial Flash 25 Series family and feature a four-wire, SPI-compatible interface that allows for a low pin-count pack- age which occupies less board space and ultimately lowers total system costs. SST25WF512/010/ 020/040 SPI serial flash memories are manufactured with SST proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reli- ability and manufacturability compared with alternate approaches. The SST25WF512/010/020/040 devices significantly improve performance and reliability, while lower- ing power consumption. The devices write (Program or Erase) with a single power supply of 1.65- 1.95V for SST25WF512/010/020/040. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash memory technologies. The SST25WF512/010/020/040 devices are offered in both 8-lead SOIC and an 8-contact WSON packages. See Figure 2 for the pin assignment. |