전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8F128K32 데이터시트(PDF) 15 Page - Micross Components

부품명 AS8F128K32
상세설명  Supports Full Chip Erase
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

AS8F128K32 데이터시트(HTML) 15 Page - Micross Components

Back Button AS8F128K32 Datasheet HTML 11Page - Micross Components AS8F128K32 Datasheet HTML 12Page - Micross Components AS8F128K32 Datasheet HTML 13Page - Micross Components AS8F128K32 Datasheet HTML 14Page - Micross Components AS8F128K32 Datasheet HTML 15Page - Micross Components AS8F128K32 Datasheet HTML 16Page - Micross Components AS8F128K32 Datasheet HTML 17Page - Micross Components AS8F128K32 Datasheet HTML 18Page - Micross Components AS8F128K32 Datasheet HTML 19Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
FLASH
AS8F128K32
AS8F128K32
Rev. 2.8 01/10
Micross Components reserves the right to change products or specifications without notice.
15
FIGURE 10: Chip/Sector Erase Operations Timings
NOTE: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
FIGURE 11: Data\ Polling Timings (During Embedded Algorithms)
NOTES: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
*applies to every 8th byte.
2AAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22