전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS29F010 데이터시트(PDF) 22 Page - Micross Components

부품명 AS29F010
상세설명  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 데이터시트(HTML) 22 Page - Micross Components

Back Button AS29F010 Datasheet HTML 18Page - Micross Components AS29F010 Datasheet HTML 19Page - Micross Components AS29F010 Datasheet HTML 20Page - Micross Components AS29F010 Datasheet HTML 21Page - Micross Components AS29F010 Datasheet HTML 22Page - Micross Components AS29F010 Datasheet HTML 23Page - Micross Components AS29F010 Datasheet HTML 24Page - Micross Components AS29F010 Datasheet HTML 25Page - Micross Components AS29F010 Datasheet HTML 26Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
22
AS29F010
Rev. 2.6 11/10
MECHANICAL DEFINITIONS*
Micross Case (Package Designator DCG)
SMD 5962-96690, Case Outline U
*All measurements are in inches.
MIN
MAX
A
---
0.132
A1
0.095
0.125
A2
0.003
0.007
b
0.015
0.019
C
0.004
0.007
C2
D
0.810
0.830
D1
E
0.405
0.415
E1
0.525
0.535
E2
0.305
0.315
E3
e
eA
L
Q
0.022
0.028
R
0.007 TYP
0.050 TYP
0.050 TYP
0.436 TYP
0.060 TYP
SYMBOL
SMD SPECIFICATIONS
0.750 TYP
0.030 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26