전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2517I 데이터시트(PDF) 5 Page - Microchip Technology

부품명 USB2517I
상세설명  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I 데이터시트(HTML) 5 Page - Microchip Technology

  USB2517I Datasheet HTML 1Page - Microchip Technology USB2517I Datasheet HTML 2Page - Microchip Technology USB2517I Datasheet HTML 3Page - Microchip Technology USB2517I Datasheet HTML 4Page - Microchip Technology USB2517I Datasheet HTML 5Page - Microchip Technology USB2517I Datasheet HTML 6Page - Microchip Technology USB2517I Datasheet HTML 7Page - Microchip Technology USB2517I Datasheet HTML 8Page - Microchip Technology USB2517I Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 5
USB2517/USB2517I
1.0
ACRONYMS & DEFINITIONS
EEPROMM: Electrically Erasable Programmable Read-Only Memory (a type of non-volatile memory)
EMI: Electromagnetic Interference
ESD: Electrostatic Discharge
I2C: Inter-Integrated Circuit
LCD: Liquid Crystal Display
LED: Light Emitting Diode
OCS: Over-current sense
PCB: Printed Circuit Board
PHY: Physical Layer
PLL: Phase-Locked Loop
PVR: Personal Video Recorder (also known as a Digital Video Recorder)
QFN: Quad Flat No Leads
RoHS: Restriction of Hazardous Substances Directive
SCK: Serial Clock
SD: Secure Digital
SIE: Serial Interface Engine
SMBus: System Management Bus
TT: Transaction Translator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58