전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS111 데이터시트(PDF) 20 Page - Micross Components

부품명 AS111
상세설명  Operates from single 5V supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

AS111 데이터시트(HTML) 20 Page - Micross Components

Back Button AS111 Datasheet HTML 13Page - Micross Components AS111 Datasheet HTML 14Page - Micross Components AS111 Datasheet HTML 15Page - Micross Components AS111 Datasheet HTML 16Page - Micross Components AS111 Datasheet HTML 17Page - Micross Components AS111 Datasheet HTML 18Page - Micross Components AS111 Datasheet HTML 19Page - Micross Components AS111 Datasheet HTML 20Page - Micross Components AS111 Datasheet HTML 21Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Voltage
Comparator
AS111
Micross Components reserves the right to change products or specifications without notice.
20
AS111
Rev. 1.7 01/10
*AVAILABLE PROCESSES:
XT = Extended Temperature Range
-55oC to +125oC
/883C = MIL-STD-883 paragraph 1.2.1
-55oC to +125oC
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21