| 전자부품 데이터시트 검색엔진 |
|
ZHT2431C02 데이터시트(PDF) 4 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZHT2431C02 데이터시트(HTML) 4 Page - Zetex Semiconductors |
|
4 / 6 page ![]() Stablity Boundary Conditions Load Capacitance(F) 1n 10n 1µ 0 5 30 25 20 15 10 10p 100p .1µ 10µ Pulse Response Time (us) 200 300 500 400 0 2.0 1.0 0 5.0 2.5 0 100 Gain v Frequency Frequency (Hz) 10k 100k 1M 0 10 60 50 40 30 20 100 1k STABLE STABLE UNSTABLE INPUT Single Pulse Repetitive Pulse Vz Iz = 10mA TYPICAL CHARACTERISTICS IZ 47k VZ Test Circuit for Open Loop Voltage Gain 47k 10µF 240Ω + - IZ = 10mA, TA = 25°C Test Circuit for Pulse Response Input Monitor V Z 120Ω 50Ω Pulse Generator TA = 25°C Test Circuit for Stability Boundary Conditions Input 150Ω 10k Vref < VZ < 20, IZ = 10mA, TA = 25°C VZ IZ 100µF ZHT2431 |