전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1490353-4 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 1490353-4
상세설명  Depress the upper release button located in the C?밾ead and slide the nest into place.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1490353-4 데이터시트(HTML) 2 Page - Tyco Electronics

  1490353-4 Datasheet HTML 1Page - Tyco Electronics 1490353-4 Datasheet HTML 2Page - Tyco Electronics 1490353-4 Datasheet HTML 3Page - Tyco Electronics 1490353-4 Datasheet HTML 4Page - Tyco Electronics 1490353-4 Datasheet HTML 5Page - Tyco Electronics 1490353-4 Datasheet HTML 6Page - Tyco Electronics 1490353-4 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-8704
Crimping Die Assemblies
Rev A
2 of 7
Tyco Electronics Corporation
2. Activate the power unit until the lower die
release button in the ram is exposed.
3. Depress the release button and slide the
indenter out of the ream.
Figure 2
Upper Die
Release
Button
Color
Code
Dot
Lower Die
Release
Button
Crimping
Head
Moving Die
Stationary
Die
4. CRIMPING PROCEDURE
4.1. Crimping Terminals
Avoid personal injury. When operating tool or
power unit, exercise caution while holding
terminals or wire near the crimping area.
1. Strip wire to the dimensions listed in Figure 3.
Do not nick or cut the wire strands.
2. Select the proper color–coded terminal for the
wire size. The wire size stamped on the terminal
tongue and on the crimping die must match the
wire size selected.
3. Insert stripped wire fully into terminal wire barrel.
The end of the conductor must not protrude more
than 1.60 mm [.063 in.] beyond the edge of the
wire barrel.
Do NOT turn or twist the wire or terminal during
insertion.
4. Place the terminal in the stationary die with the
edge of the wire barrel resting against the locator
and the bottom of the terminal tongue facing the
stationary die. See Figure 4.
5. Holding wire in place, activate tool or power unit
to complete crimp.
If terminal sticks in die after crimping, apply a
rocking action to the terminal to remove it from
the die. Wipe light oil on the dies to prevent
sticking, or use spray dry lubricant.
6. Inspect the crimp according to Section 5.
Typical Splice
Wire Stop
Typical Terminal
Window Indent
Wire Strip
Length
Wire Strip
Length
WIRE
WIRE STRIP LENGTH
WIRE
SIZE
(AWG)
TERMINYL TERMINAL AND SPLICE
(AWG)
TERMINAL
SPLICE
8
7.96-9.53 [.313-.375]
15.48-17.07 [.609-.672]
6
11.18-12.70 [.440-.500]
19.45-20.24 [.766-.797]
4
11.18-12.70 [.440-.500]
19.45-21.03 [.766-.828]
2
11.43-13.08 [.450-.515]
21.83-30.18 [.859-1.188]
1/0
18.54-20.24 [.730-.797]
28.58-30.18 [1.125-1.188]
2/0
18.54-20.24 [.730-.797]
28.58-30.18 [1.125-1.188]
3/0
19.05-20.64 [.750-.813]
28.58-30.18 [1.125-1.188]
4/0
19.45-21.03 [.766-.828]
28.58-30.18 [1.125-1.188]
Figure 3
DANGER
CAUTION
!
NOTE
i



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com