전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1490357-2 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 1490357-2
상세설명  Depress the upper release button located in the C?밾ead and slide the nest into place.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1490357-2 데이터시트(HTML) 1 Page - Tyco Electronics

  1490357-2 Datasheet HTML 1Page - Tyco Electronics 1490357-2 Datasheet HTML 2Page - Tyco Electronics 1490357-2 Datasheet HTML 3Page - Tyco Electronics 1490357-2 Datasheet HTML 4Page - Tyco Electronics 1490357-2 Datasheet HTML 5Page - Tyco Electronics 1490357-2 Datasheet HTML 6Page - Tyco Electronics 1490357-2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Instruction Sheet
Crimping Die Assemblies
1490406-1, 1490597-1, 1490598-1,
408-8704
LOC B
1 of 7
E2008 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
06 OCT 08 Rev A
1490599-1, and 1490700-1
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended-use, production operations is available.
Stationary Die
(Nest)
Moving Die
(Anvil)
CRIMPING
DIE
COLOR
CODE
DOT
WIRE
SIZE,
AWG
HEAD OR TOOL
1490597-1
Red
8
Hydraulic Crimping Heads
1490745 1 1490746 1
1490598-1
Blue
6
1490745-1, 1490746-1,
1490747-1, 1976230-1D,or
Hydraulic Hand Tools
1490599-1 Yellow
4
Hydraulic Hand Tools
1490748-1, 1490749-1
1490406-1
Red
2
Hydraulic Crimping Heads
1490746 1 1976230 1D or
1490700-1
Blue
1/0
1490746-1, 1976230-1D, or
Hydraulic Hand Tool 1490749-1
D Not to be used for splices
Figure 1
1. INTRODUCTION
These crimping die assemblies listed in Figure 1
crimp TERMINYL* terminals and splices onto wire
sizes 8 through 1/0 AWG. Refer to Figure 1 to ensure
compatibility of crimping die, head or tool, and wire
size.
For detailed information about the head or tool, refer
to the instructions packaged with the head or tool.
All dimensions on this document are in metric
units [with U.S. customary units in brackets].
Figures and illustrations are for identification only
and are not drawn to scale.
2. DESCRIPTION
Each crimping die consists of a stationary die (nest)
and a moving die (anvil). The stationary die features a
locator. Each die contains a color code dot that
matches the color code of the terminal and splice.
When mated, the dies form a crimping chamber.
3. DIE INSTALLATION AND REMOVAL (Figure 2)
Do not operate tool without the dies.
To avoid personal injury, ALWAYS release
hydraulic pressure to hose or control and
disconnect power unit from power supply before
installing or removing dies.
3.1. Die Installation
1. Depress the upper release button located in the
C–head and slide the nest into place.
2. Release the button and rock the die back and
forth until the nest snaps in place.
3. Activate the power unit until the lower die
release button located in the ram is exposed.
4. Depress the release button and slide the
indenter into place.
5. Release the button and rock the indenter
back–and–forth until the die snaps in place.
6. Return the ram to the down position.
To avoid damage to the dies, be sure that the
moving and stationary dies are properly oriented.
3.2. Die Removal
Ensure that the possibility of accidental activation of
the hydraulic power unit has been eliminated, and
proceed as follows:
1. Depress the upper release button located in the
C–head and slide the nest out of the head.
NOTE
i
CAUTION
!
DANGER
CAUTION
!


유사한 부품 번호 - 1490357-2

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
1490357-2 TEC-1490357-2 Datasheet
519Kb / 10P
Crimping Die Assemblies
More results

유사한 설명 - 1490357-2

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
GRP532-655 ROITHNER-GRP532-655 Datasheet
91Kb / 2P
do not look into the path of the laser beam
logo
Shoulder Electronics Li...
HDF1358F16 SHOULDER-HDF1358F16 Datasheet
107Kb / 5P
Subject the device to 85??for 16 hours. Then release the filter into the room conditions
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
Push the tool into the contact cavity on the locking lance side of the connector
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
Place the insulator over the chassis as shown
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
Place the cover over the NLP250 as shown
logo
Surge Components
SPH2G331MND3045 SURGE-SPH2G331MND3045 Datasheet
263Kb / 2P
The capacitor can be inserted into the PCB board
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
Insert the shank of the nest into the yoke and tighten the set screw.
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
Release the device key. The LED is ON
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
Place the cover over the NLP250 as shown
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com