전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3350MM 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3350MM
상세설명  Switched Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3350MM 데이터시트(HTML) 6 Page - National Semiconductor (TI)

  LM3350MM Datasheet HTML 1Page - National Semiconductor (TI) LM3350MM Datasheet HTML 2Page - National Semiconductor (TI) LM3350MM Datasheet HTML 3Page - National Semiconductor (TI) LM3350MM Datasheet HTML 4Page - National Semiconductor (TI) LM3350MM Datasheet HTML 5Page - National Semiconductor (TI) LM3350MM Datasheet HTML 6Page - National Semiconductor (TI) LM3350MM Datasheet HTML 7Page - National Semiconductor (TI) LM3350MM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Typical Application Circuits
Layout Information
LAYOUT CONSIDERATIONS
The LM3350’s high switching frequency (800 kHz) makes a good layout important.
Figure 4 illustrates a typical layout. It is im-
portant to keep the distance short between the four capacitors and the IC. Wide traces and grounding are also recommended.
These steps will minimize trace inductance and high frequency ringing. Of the four capacitors, C
high and Clow have the highest
value of di/dt. It is therefore most important to keep them close to the IC. The ground lead that C
high and Clow share should also
be kept wide and short.
The location of the diode (D1) used in the step-up configuration is not critical. This diode is only used during the initial turn on of
the IC. D1 is not needed in step-down applications.
DS100002-13
FIGURE 2. Step-Up Converter
DS100002-14
FIGURE 3. Step-Down Converter
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8