전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90367 데이터시트(PDF) 21 Page - Melexis Microelectronic Systems

부품명 MLX90367
상세설명  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 데이터시트(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 21 of 36
Datasheet
Rev 5.2
Dec. 15, 15
15.
Description of End-User Programmable Items
15.1. Output Transfer Characteristic
To define the transfer function (LNR):
Parameter
Value
Unit
CLOCKWISE
0
CounterClockWise
1
ClockWise
LSB
DP
0 … 359.9999
deg
LNR_A_X
LNR_B_X
LNR_C_X
0 … 359.9999
deg
LNR_A_Y
LNR_B_Y
LNR_C_Y
0 … 100
%
LNR_S0
LNR_A_S
LNR_B_S
LNR_C_S
-17… 0 … 17
%/deg
CLAMP_LOW
0 … 100
%
CLAMP_HIGH
0 … 100
%
15.1.1. CLOCKWISE Parameter
The CLOCKWISE parameter defines the magnet rotation direction.
•
CCW is the defined by the 1-4-5-8 pin order direction for the SOIC8 package and 1-8-9-16 pin
order direction for the TSSOP16 package.
•
CW is defined by the reverse direction: 8-5-4-1 pin order direction for the SOIC8 and 16-9-8-1 pin
order direction for the TSSOP16 package.
Refer to the drawing in the sensitive spot positioning sections (Section 20.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36