전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEDINSPECTHEADLAMP300 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LEDINSPECTHEADLAMP300
상세설명  Integrated battery storage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDINSPECTHEADLAMP300 데이터시트(HTML) 1 Page - OSRAM GmbH

  LEDINSPECTHEADLAMP300 Datasheet HTML 1Page - OSRAM GmbH LEDINSPECTHEADLAMP300 Datasheet HTML 2Page - OSRAM GmbH LEDINSPECTHEADLAMP300 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product benefits
_ 2 year guarantee
_ 300 lm LED headluminaire with red flashing warning function as rear light
_ Excellent illumination thanks to long-lasting high intensity LEDs
_ Keeps your hands free thanks to headband
Product features
_ Integrated battery storage
_ Voltage: 4.5 V
_ Wattage: 3 W
_ Type of protection: IP64
_ Impact resistance: IK07
_ Size adjustable headband for good stability (65 cm length)
_ Equipped with a high-quality, long-lasting LED
_ Available with color temperature: 6,500 K, 7,500 K (front light)
_ Available with color temperature: 1,000 K, 2,000 K (rear light)
_ Intense white light
_ Luminous flux: up to 300 lm (when 100 % bright), up to 60 lm (when 20 % bright)
_ Angle adjustment of 75 % for front luminaire possible
_ 100 % bright light for 2…3 h, 20 % bright light for up to 10 h
_ On/flash/off mode switch controllable via separate switch
Product datasheet
INSPECTION LAMP
LEDinspect HEADLAMP 300 | Inspection lamps
Areas of application
_ Inspection and maintenance of vehicles at home
__
December 12, 2016, 10:04:23
© 2016, OSRAM GmbH. All rights reserved.
INSPECTION LAMP
Page 1 of 3


유사한 부품 번호 - LEDINSPECTHEADLAMP300

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LEDINSPECTFLASHLIGHT15 OSRAM-LEDINSPECTFLASHLIGHT15 Datasheet
91Kb / 3P
Type of protection: IP20
LEDINSPECTPENLIGHT80 OSRAM-LEDINSPECTPENLIGHT80 Datasheet
113Kb / 3P
Equipped with eight high-quality, long-lasting LEDs
LEDINSPECTPOCKET160 OSRAM-LEDINSPECTPOCKET160 Datasheet
126Kb / 3P
Rechargeable 3.7 V 1,500 mAh Li-ion battery
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
High-quality aluminum housing
LEDINSPECTPROFESSIONAL150 OSRAM-LEDINSPECTPROFESSIONAL150 Datasheet
117Kb / 4P
Charging indicator
More results

유사한 설명 - LEDINSPECTHEADLAMP300

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE825 NTE-NTE825 Datasheet
21Kb / 3P
Integrated Circuit Battery Operated Audio Amp
logo
Analog Devices
ADUC7032 AD-ADUC7032 Datasheet
910Kb / 128P
MicroConverter Integrated, Precision Battery Sensor
logo
Cymbet Corporation
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
Analog Devices
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
Integrated, Precision Battery Sensor for Automotive
Rev. B
logo
List of Unclassifed Man...
600B ETC2-600B Datasheet
2Mb / 2P
Measure remaining battery storage capacity in just seconds
logo
E-CMOS Corporation
EC9529A E-CMOS-EC9529A Datasheet
826Kb / 10P
Lithium Battery Protection Integrated Circuit
logo
NXP Semiconductors
MM912 NXP-MM912 Datasheet
6Mb / 396P
Intelligent integrated precision battery sensor
Rev. 6.0, 6/2021
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com