| 전자부품 데이터시트 검색엔진 |
|
STM32F413XG 데이터시트(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413XG 데이터시트(HTML) 66 Page - STMicroelectronics |
|
66 / 207 page ![]() PB0 - TIM1_ CH2N TIM3_ CH3 TIM8_ CH2N -- SPI5_SCK/I 2S5_CK -- - - - - - - EVENT OUT PB1 - TIM1_ CH3N TIM3_ CH4 TIM8_ CH3N -- SPI5_NSS/ I2S5_WS - DFSDM1_ DATIN0 QUADSPI_C LK -- - - - EVENT OUT PB2 - LPTIM1_ OUT -- - - DFSDM1_ CKIN0 -- QUADSPI_C LK -- - - - EVENT OUT PB3 JTDO- SWO TIM2_CH2 - - I2CFMP1 _SDA SPI1_SCK/I 2S1_CK SPI3_SCK/I 2S3_CK USART1_R X UART7_ RX I2C2_SDA SAI1_SD_A CAN3_ RX -- - EVENT OUT PB4 JTRST - TIM3_ CH1 - - SPI1_MISO SPI3_MISO I2S3ext_SD UART7_ TX I2C3_SDA SAI1_SCK_ A CAN3_ TX SDIO_D0 - - EVENT OUT PB5 - LPTIM1_ IN1 TIM3_ CH2 - I2C1_ SMBA SPI1_MOSI/ I2S1_SD SPI3_MOSI/ I2S3_SD - - CAN2_RX SAI1_FS_A UART5_ RX SDIO_D3 - - EVENT OUT PB6 - LPTIM1_ ETR TIM4_ CH1 - I2C1_SC L - DFSDM2_ CKIN7 USART1_T X - CAN2_TX QUADSPI_ BK1_NCS UART5_ TX SDIO_D0 - - EVENT OUT PB7 - LPTIM1_ IN2 TIM4_ CH2 - I2C1_ SDA - DFSDM2_ DATIN7 USART1_ RX -- - - FSMC_NL - - EVENT OUT PB8 - LPTIM1_ OUT TIM4_ CH3 TIM10_ CH1 I2C1_ SCL - SPI5_MOSI/ I2S5_SD DFSDM2_ CKIN1 CAN1_RX I2C3_SDA - UART5_ RX SDIO_D4 - - EVENT OUT PB9 - - TIM4_ CH4 TIM11_ CH1 I2C1_ SDA SPI2_NSS/I 2S2_WS DFSDM2_ DATIN1 - CAN1_TX I2C2_SDA - UART5_ TX SDIO_D5 - - EVENT OUT PB10 - TIM2_CH3 - - I2C2_ SCL SPI2_SCK/I 2S2_CK I2S3_MCK USART3_T X - I2CFMP4_S CL DFSDM2_C KOUT - SDIO_D7 - - EVENT OUT PB11 - TIM2_CH4 - - I2C2_ SDA I2S2_CKIN - USART3_R X -- - - - - - EVENT OUT PB12 - TIM1_ BKIN -- I2C2_ SMBA SPI2_NSS/I 2S2_WS SPI4_NSS/ I2S4_WS SPI3_SCK/ I2S3_CK USART3_ CK CAN2_RX DFSDM1_ DATIN1 UART5_ RX FSMC_D13/ FSMC_DA13 -- EVENT OUT PB13 - TIM1_ CH1N -- I2CFMP1 _SMBA SPI2_SCK/I 2S2_CK SPI4_SCK/ I2S4_CK - USART3_ CTS CAN2_TX DFSDM1_ CKIN1 UART5_ TX -- - EVENT OUT PB14 - TIM1_ CH2N - TIM8_ CH2N I2CFMP1 _SDA SPI2_MISO I2S2ext_SD USART3_ RTS DFSDM1_ DATIN2 TIM12_CH1 FSMC_D0 - SDIO_D6 - - EVENT OUT PB15 RTC_ REFIN TIM1_ CH3N - TIM8_ CH3N I2CFMP1 _SCL SPI2_MOSI/ I2S2_SD -- DFSDM1_ CKIN2 TIM12_CH2 - - SDIO_CK - - EVENT OUT Table 11. STM32F413xG/H alternate functions (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_ AF TIM1/2/ LPTIM1 TIM3/4/5 DFSDM2/ TIM8/9/10/11 I2C1/2/3/ I2CFMP1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4 SPI2/I2S2/ SPI3/I2S3/ SPI4/I2S4/ SPI5/I2S5/ DFSDM1/2 SPI3/I2S3/ SAI1/ DFSDM2/ USART1/ USART2/ USART3 DFSDM1/ USART3/4/ 5/6/7/8/ CAN1 I2C2/I2C3/ I2CFMP1/ CAN1/2/ TIM12/13/14/ QUADSPI SAI1/ DFSDM1/ DFSDM2/ QUADSPI/ FSMC /OTG1_FS UART4/ UART5/ UART9/ UART10 /CAN3 FSMC /SDIO - RNG SYS_ AF |