전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F413MH 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 STM32F413MH
상세설명  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413MH 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button STM32F413MH Datasheet HTML 58Page - STMicroelectronics STM32F413MH Datasheet HTML 59Page - STMicroelectronics STM32F413MH Datasheet HTML 60Page - STMicroelectronics STM32F413MH Datasheet HTML 61Page - STMicroelectronics STM32F413MH Datasheet HTML 62Page - STMicroelectronics STM32F413MH Datasheet HTML 63Page - STMicroelectronics STM32F413MH Datasheet HTML 64Page - STMicroelectronics STM32F413MH Datasheet HTML 65Page - STMicroelectronics STM32F413MH Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 207 page
background image
Pinouts and pin description
STM32F413xG/H
62/207
DocID029162 Rev 2
-
-
-
-
-
D8
125
PG10
I/O
FT
-
FSMC_NE3,
EVENTOUT
-
-
-
-
-
-
C8
126
PG11
I/O
FT
-
CAN2_RX,
UART10_RX,
EVENTOUT
-
-
-
-
-
-
B8
127
PG12
I/O
FT
-
USART6_RTS,
CAN2_TX, UART10_TX,
FSMC_NE4,
EVENTOUT
-
-
-
-
-
-
D7
128
PG13
I/O
FT
-
TRACED2,
USART6_CTS,
FSMC_A24,
EVENTOUT
-
-
-
-
-
-
C7
129
PG14
I/O
FT
-
TRACED3,
USART6_TX,
QUADSPI_BK2_IO3,
FSMC_A25,
EVENTOUT
-
-
-
-
-
-
-
130
VSS
S
-
-
-
-
-
-
-
-
-
F6
131
VDD
S
-
-
-
-
-
-
-
-
-
B7
132
PG15
I/O
FT
-
USART6_CTS,
EVENTOUT
-
39 55
A5
89
A8
A7
133
PB3
I/O
FTf
-
JTDO-SWO, TIM2_CH2,
I2CFMP1_SDA,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
USART1_RX,
UART7_RX, I2C2_SDA,
SAI1_SD_A, CAN3_RX,
EVENTOUT
-
40 56
B5
90
A7
A6
134
PB4
I/O
FT
-
JTRST, TIM3_CH1,
SPI1_MISO,
SPI3_MISO,
I2S3ext_SD,
UART7_TX, I2C3_SDA,
SAI1_SCK_A,
CAN3_TX, SDIO_D0,
EVENTOUT
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More