전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F413RH 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 STM32F413RH
상세설명  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413RH 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button STM32F413RH Datasheet HTML 48Page - STMicroelectronics STM32F413RH Datasheet HTML 49Page - STMicroelectronics STM32F413RH Datasheet HTML 50Page - STMicroelectronics STM32F413RH Datasheet HTML 51Page - STMicroelectronics STM32F413RH Datasheet HTML 52Page - STMicroelectronics STM32F413RH Datasheet HTML 53Page - STMicroelectronics STM32F413RH Datasheet HTML 54Page - STMicroelectronics STM32F413RH Datasheet HTML 55Page - STMicroelectronics STM32F413RH Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 207 page
background image
Pinouts and pin description
STM32F413xG/H
52/207
DocID029162 Rev 2
-
9
C7
16
J2
H2
27
PC1
I/O
FT
-
LPTIM1_OUT,
DFSDM2_DATIN4,
SAI1_SD_B,
EVENTOUT
ADC1_IN11,
WKUP3
-10 D717
J3
H3
28
PC2
I/O
FT
-
LPTIM1_IN2,
DFSDM2_DATIN7,
SPI2_MISO,
I2S2ext_SD,
SAI1_SCK_B,
DFSDM1_CKOUT,
FSMC_NWE,
EVENTOUT
ADC1_IN12
-11
E7
18
K2
H4
29
PC3
I/O
FT
-
LPTIM1_ETR,
DFSDM2_CKIN7,
SPI2_MOSI/I2S2_SD,
SAI1_FS_B, FSMC_A0,
EVENTOUT
ADC1_IN13
--
-
19
-
-
30
VDD
S
-
-
-
-
8
12 H9
20
J1
J1
31
VSSA
S
-
-
-
-
--
-
-
K1
K1
-
VREF-
S
-
-
-
-
-
-
G8
21
L1
L1
32
VREF+
S
-
-
-
-
9
13
F7
22
M1
M1
33
VDDA
S
-
-
-
-
10 14 G7
23
L2
J2
34
PA0
I/O
FT
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
UART4_TX, EVENTOUT
ADC1_IN0,
WKUP1
11 15 H8
24
M2
K2
35
PA1
I/O
FT
-
TIM2_CH2, TIM5_CH2,
SPI4_MOSI/I2S4_SD,
USART2_RTS,
UART4_RX,
QUADSPI_BK1_IO3,
EVENTOUT
ADC1_IN1
12 16
J9
25
K3
L2
36
PA2
I/O
FT
-
TIM2_CH3, TIM5_CH3,
TIM9_CH1, I2S2_CKIN,
USART2_TX,
FSMC_D4, EVENTOUT
ADC1_IN2
13 17
E6
26
L3
M2
37
PA3
I/O
FT
-
TIM2_CH4, TIM5_CH4,
TIM9_CH2, I2S2_MCK,
USART2_RX,
SAI1_SD_B, FSMC_D5,
EVENTOUT
ADC1_IN3
-
18 H7
27
-
-
38
VSS
S
-
-
-
-
Table 10. STM32F413xG/H pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More