| 전자부품 데이터시트 검색엔진 |
|
STM32F413VH 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413VH 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 207 page ![]() Pinouts and pin description STM32F413xG/H 52/207 DocID029162 Rev 2 - 9 C7 16 J2 H2 27 PC1 I/O FT - LPTIM1_OUT, DFSDM2_DATIN4, SAI1_SD_B, EVENTOUT ADC1_IN11, WKUP3 -10 D717 J3 H3 28 PC2 I/O FT - LPTIM1_IN2, DFSDM2_DATIN7, SPI2_MISO, I2S2ext_SD, SAI1_SCK_B, DFSDM1_CKOUT, FSMC_NWE, EVENTOUT ADC1_IN12 -11 E7 18 K2 H4 29 PC3 I/O FT - LPTIM1_ETR, DFSDM2_CKIN7, SPI2_MOSI/I2S2_SD, SAI1_FS_B, FSMC_A0, EVENTOUT ADC1_IN13 -- - 19 - - 30 VDD S - - - - 8 12 H9 20 J1 J1 31 VSSA S - - - - -- - - K1 K1 - VREF- S - - - - - - G8 21 L1 L1 32 VREF+ S - - - - 9 13 F7 22 M1 M1 33 VDDA S - - - - 10 14 G7 23 L2 J2 34 PA0 I/O FT - TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, EVENTOUT ADC1_IN0, WKUP1 11 15 H8 24 M2 K2 35 PA1 I/O FT - TIM2_CH2, TIM5_CH2, SPI4_MOSI/I2S4_SD, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, EVENTOUT ADC1_IN1 12 16 J9 25 K3 L2 36 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, I2S2_CKIN, USART2_TX, FSMC_D4, EVENTOUT ADC1_IN2 13 17 E6 26 L3 M2 37 PA3 I/O FT - TIM2_CH4, TIM5_CH4, TIM9_CH2, I2S2_MCK, USART2_RX, SAI1_SD_B, FSMC_D5, EVENTOUT ADC1_IN3 - 18 H7 27 - - 38 VSS S - - - - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |