| 전자부품 데이터시트 검색엔진 |
|
STM32F413RG 데이터시트(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413RG 데이터시트(HTML) 58 Page - STMicroelectronics |
|
58 / 207 page ![]() Pinouts and pin description STM32F413xG/H 58/207 DocID029162 Rev 2 - - NC 62 H10 K12 86 PD15 I/O FTf (2) TIM4_CH4, I2CFMP1_SDA, DFSDM2_DATIN0, UART9_TX, FSMC_D1/FSMC_DA1, EVENTOUT - - - - - - J12 87 PG2 I/O FT - FSMC_A12, EVENTOUT - -- - - - J11 88 PG3 I/O FT - FSMC_A13, EVENTOUT - - - - - - J10 89 PG4 I/O FT - FSMC_A14, EVENTOUT - - - - - - H12 90 PG5 I/O FT - FSMC_A15, EVENTOUT - -- - - - H11 91 PG6 I/O FT - QUADSPI_BK1_NCS, EVENTOUT - - - - - - H10 92 PG7 I/O FT - USART6_CK, EVENTOUT - -- - - - G11 93 PG8 I/O FT - USART6_RTS, EVENTOUT - - - - - - - 94 VSS S - - - - -- - - - F10 - VDD S - - - - - - F1 - - C11 95 VDDUSB S - - - - -37 D563 E12 G12 96 PC6 I/O FTf - TIM3_CH1, TIM8_CH1, I2CFMP1_SCL, I2S2_MCK, DFSDM1_CKIN3, DFSDM2_DATIN6, USART6_TX, FSMC_D1, SDIO_D6, EVENTOUT - -38 D464 E11 F12 97 PC7 I/O FTf - TIM3_CH2, TIM8_CH2, I2CFMP1_SDA, SPI2_SCK/I2S2_CK, I2S3_MCK, DFSDM2_CKIN6, USART6_RX, DFSDM1_DATIN3, SDIO_D7, EVENTOUT - Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |