| 전자부품 데이터시트 검색엔진 |
|
175285 데이터시트(PDF) 18 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
175285 데이터시트(HTML) 18 Page - Tyco Electronics |
|
18 / 43 page ![]() 95 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors 1-917807-2 2-917807-2 3-917807-2 Dimensions AB 35.76 23.76 D-5200Mα — High Current Type (Continued) Mating Dimensions Receptacle Housing (2 Pos.) External Dimensions No. of Positions Part Number of Receptacle Housing 2 Keying X Y 1-179958-2 2-179958-2 Dimensions AB 33.36 23.76 No. of Positions Part Number of Receptacle Housing 4 Keying XX YY XY 53.0 45.0 Horizontal Type (When used as modular unit) 53.0 45.0 B B A A B A 10.16 A B 9.8 Y Receptacle Housing (4 Pos.) 19.96 A B X-X Mating Tab Header Part Number: J -1318983-J Mating Tab Header Part Number: J -1318983-J |