| 전자부품 데이터시트 검색엔진 |
|
LM35 데이터시트(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM35 데이터시트(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 13 page ![]() Connection Diagrams TO-46 Metal Can Package* DS005516-1 *Case is connected to negative pin (GND) Order Number LM35H, LM35AH, LM35CH, LM35CAH or LM35DH See NS Package Number H03H TO-92 Plastic Package DS005516-2 Order Number LM35CZ, LM35CAZ or LM35DZ See NS Package Number Z03A SO-8 Small Outline Molded Package DS005516-21 N.C. = No Connection Top View Order Number LM35DM See NS Package Number M08A TO-220 Plastic Package* DS005516-24 *Tab is connected to the negative pin (GND). Note: The LM35DT pinout is different than the discontinued LM35DP. Order Number LM35DT See NS Package Number TA03F www.national.com 2 |