전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89LS52-16PC 데이터시트(PDF) 23 Page - ATMEL Corporation

부품명 AT89LS52-16PC
상세설명  8-bit Low-Voltage Microcontroller with 8K Bytes In-System Programmable Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS52-16PC 데이터시트(HTML) 23 Page - ATMEL Corporation

Back Button AT89LS52-16PC Datasheet HTML 19Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 20Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 21Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 22Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 23Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 24Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 25Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 26Page - ATMEL Corporation AT89LS52-16PC Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23
AT89LS52
2601A–12/01
Turn V
CC power off.
Data Polling: The Data Polling feature is also available in the serial mode. In this mode, dur-
ing a byte write cycle an attempted read of the last byte written will result in the complement of
the MSB of the serial output byte on MISO.
Serial Programming Instruction Set
The Instruction Set for Serial Programming follows a 4-byte protocol and is shown in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com