전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST38VF6402 데이터시트(PDF) 52 Page - Microchip Technology

부품명 SST38VF6402
상세설명  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 데이터시트(HTML) 52 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 48Page - Microchip Technology SST38VF6402 Datasheet HTML 49Page - Microchip Technology SST38VF6402 Datasheet HTML 50Page - Microchip Technology SST38VF6402 Datasheet HTML 51Page - Microchip Technology SST38VF6402 Datasheet HTML 52Page - Microchip Technology SST38VF6402 Datasheet HTML 53Page - Microchip Technology SST38VF6402 Datasheet HTML 54Page - Microchip Technology SST38VF6402 Datasheet HTML 55Page - Microchip Technology SST38VF6402 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
©2015
DS-20005015B
08/15
52
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
Figure 28:Software ID/CFI/SEC ID Exit Command Flowcharts
1309 F26.2
SEC ID Exit
Command Sequence
Software ID Exit
Command Sequence
CFI Exit
Command Sequence
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XXF0H
Address: 555H
Wait TIDA
Return to normal
operation
Load data: XXF0H
Address: XXH
Wait TIDA
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX90H
Address: 555H
Load data: XX00H
Address: XXXH
Wait TIDA
Return to normal
operation
Return to normal
operation
Note: X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64