전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC4607 데이터시트(PDF) 34 Page - Microchip Technology

부품명 MIC4607
상세설명  85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4607 데이터시트(HTML) 34 Page - Microchip Technology

Back Button MIC4607 Datasheet HTML 30Page - Microchip Technology MIC4607 Datasheet HTML 31Page - Microchip Technology MIC4607 Datasheet HTML 32Page - Microchip Technology MIC4607 Datasheet HTML 33Page - Microchip Technology MIC4607 Datasheet HTML 34Page - Microchip Technology MIC4607 Datasheet HTML 35Page - Microchip Technology MIC4607 Datasheet HTML 36Page - Microchip Technology MIC4607 Datasheet HTML 37Page - Microchip Technology MIC4607 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
MIC4607
DS20005610A-page 34
 2016 Microchip Technology Inc.
28-Lead QFN 4 mm x 5 mm Package Outline and Recommended Land Pattern
28-Lead TSSOP 5.0 mm x 4.4 mm Package Outline and Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42