전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IS1871SF 데이터시트(PDF) 20 Page - Microchip Technology

부품명 IS1871SF
상세설명  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871SF 데이터시트(HTML) 20 Page - Microchip Technology

Back Button IS1871SF Datasheet HTML 16Page - Microchip Technology IS1871SF Datasheet HTML 17Page - Microchip Technology IS1871SF Datasheet HTML 18Page - Microchip Technology IS1871SF Datasheet HTML 19Page - Microchip Technology IS1871SF Datasheet HTML 20Page - Microchip Technology IS1871SF Datasheet HTML 21Page - Microchip Technology IS1871SF Datasheet HTML 22Page - Microchip Technology IS1871SF Datasheet HTML 23Page - Microchip Technology IS1871SF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
IS1870/71
DS60001371C-Page 20
 2015-2016 Microchip Technology Inc.
FIGURE 3-2:
Tx/Rx AVERAGE CURRENT CONSUMPTION IN BLEDK3 BEACON MODE
APPLICATION
For additional information on the current consumption
measurements, test condition, and test environment
setup, refer to the “IS187x_BM7x BLEDK3 Application
Note
”. This Application Note covers detailed informa-
tion about the status of the BLEDK3 application.
Table 3-2 provides the status details of the BLEDK3
application.
TABLE 3-2:
STATUS DETAILS OF BLEDK3 APPLICATION
Note 1:
Client Characteristic Configuration (CCCD) is GATT service characteristics.
Status
Description
Shutdown Mode
BLEDK3 is shutdown
Standby Mode
BLEDK3 sends advertising packets and wait for connection. BLEDK3 is
discoverable and connectible
BLE Connected Mode
BLE link is established and CCCD of ISSC_Transparent_Tx characteristic is
disabled (see Note 1)
Transparent Service Enabled Mode BLE link is established and CCCD of ISSC_Transparent_Tx characteristic is
enabled (see Note 1)
IS1870SF_IS1871SF.book Page 20 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44