전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC7701MPWREP 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC7701MPWREP
상세설명  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701MPWREP 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TLC7701MPWREP Datasheet HTML 5Page - Texas Instruments TLC7701MPWREP Datasheet HTML 6Page - Texas Instruments TLC7701MPWREP Datasheet HTML 7Page - Texas Instruments TLC7701MPWREP Datasheet HTML 8Page - Texas Instruments TLC7701MPWREP Datasheet HTML 9Page - Texas Instruments TLC7701MPWREP Datasheet HTML 10Page - Texas Instruments TLC7701MPWREP Datasheet HTML 11Page - Texas Instruments TLC7701MPWREP Datasheet HTML 12Page - Texas Instruments TLC7701MPWREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0
7
6
5
4
3
50
100
150
200
Sense Threshold Overdrive - mV
2
1
0
250
300
350
400
VDD = 2 V
Control = 0.4 V
RESIN = 1.4 V
CT = Open = 100 pF
-1
4
2
0
-2
-4
0
1
2
3
4
5
6
VI - Input Voltage at SENSE - V
-6
-8
-10
-55 °C
125°C
VDD = 4.5 V
CT = Open = 100 pF
8
6
-55 °C
125°C
TLC7701-EP, TLC7705-EP, TLC7733-EP
www.ti.com
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
INPUT CURRENT
MINIMUM PULSE DURATION AT SENSE
vs
vs
INPUT VOLTAGE AT SENSE
SENSE THRESHOLD OVERDRIVE
Figure 8.
Figure 9.
Copyright
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com