전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LR645 데이터시트(PDF) 2 Page - Microchip Technology

부품명 LR645
상세설명  Accepts inputs from 15 to 450V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 데이터시트(HTML) 2 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LR645
DS20005384A-page 2
 2015 Microchip Technology Inc.
Package Type
8-Lead SOIC
TO-92
See Table 2-1 for pin information
TO-220
TO-243AA (SOT-89)
VIN
VOUT
GND
GND
+VIN
VOUT
GND
GND
GND
VIN
VOUT
+VIN
VOUT
NC
GND
NC
TRIM
GATE
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16