전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6V64 데이터시트(PDF) 27 Page - Microchip Technology

부품명 MCP6V64
상세설명  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V64 데이터시트(HTML) 27 Page - Microchip Technology

Back Button MCP6V64 Datasheet HTML 23Page - Microchip Technology MCP6V64 Datasheet HTML 24Page - Microchip Technology MCP6V64 Datasheet HTML 25Page - Microchip Technology MCP6V64 Datasheet HTML 26Page - Microchip Technology MCP6V64 Datasheet HTML 27Page - Microchip Technology MCP6V64 Datasheet HTML 28Page - Microchip Technology MCP6V64 Datasheet HTML 29Page - Microchip Technology MCP6V64 Datasheet HTML 30Page - Microchip Technology MCP6V64 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2014-2015 Microchip Technology Inc.
DS20005367B-page 27
MCP6V61/1U/2/4
8-Lead TDFN (2x3x0.75 mm) (MCP6V62)
Example
14-Lead TSSOP (4.4 mm) (MCP6V64)
Example
YYWW
NNN
XXXXXXXX
ACS
542
25
Device
Code
MCP6V62T-E/MNY
ACS
Note:
Applies to 8-Lead 2x3 TDFN.
6V64E/ST
1542
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46