| 전자부품 데이터시트 검색엔진 |
|
MIC24051 데이터시트(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC24051 데이터시트(HTML) 2 Page - Microchip Technology |
|
2 / 34 page ![]() MIC24051 DS20005658A-page 2 2016 Microchip Technology Inc. Package Type Block Diagram MIC24051 28-Pin QFN (JL) (Top View) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 24 23 22 21 20 19 18 17 28 27 26 25 CS PGND BST PVIN PVIN PVIN PVIN PVIN PVDD PGND NC SW PGND PGND PGND PGND PGND SW PVIN R1 2.49k R2 2.00k 0.1μF 19.6k 2.2μF VOUT 1.8V/6A 2.2μH 100μF MIC24051 4.7nF 0.1μF CBST BST SW FB VDD EN PGND VIN PVIN VIN 4.5V to 19V 4.7μF x2 gm EA COMP CS CL and ZC DETECTION CONTROL LOGIC TIMER SOFT-START FIXED TON ESTIMATE UVLO LDO THERMAL SHUTDOWN SOFT START PVDD VREF 0.8V COMPENSATION SGND D1 MODIFIED TOFF PG 10k VDD VDD 8% 92% 10k VIN HSD LSD INTERNAL RIPPLE INJECTION PVDD |