전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS6310 데이터시트(PDF) 7 Page - MOSA ELECTRONICS

부품명 MS6310
상세설명  Low distortion
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSA [MOSA ELECTRONICS]
홈페이지  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6310 데이터시트(HTML) 7 Page - MOSA ELECTRONICS

  MS6310 Datasheet HTML 1Page - MOSA ELECTRONICS MS6310 Datasheet HTML 2Page - MOSA ELECTRONICS MS6310 Datasheet HTML 3Page - MOSA ELECTRONICS MS6310 Datasheet HTML 4Page - MOSA ELECTRONICS MS6310 Datasheet HTML 5Page - MOSA ELECTRONICS MS6310 Datasheet HTML 6Page - MOSA ELECTRONICS MS6310 Datasheet HTML 7Page - MOSA ELECTRONICS MS6310 Datasheet HTML 8Page - MOSA ELECTRONICS MS6310 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOSA
MS6309/10
Low Cost 16-Bit Stereo Audio DAC
REV3
7/9
www.mosanalog.com
EXTERNAL DIMENSIONS
H
E
D
A
A1
e
B
C
L
1
4
5
8
SOP8
A
A1
B
C
L
D
H
E
A2
e
MSOP8
A1
b
A3
D
E
A
e
E2
D2
L
K
D/2
E/2
DFN8
Symbol
Dimension in mm Dimension in inch
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
H
5.80
6.20
0.2284
0.2440
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.050 BSC
L
0.40
1.27
0.016
0.050
Symbol
Dimension in mm Dimension in inch
Min
Max
Min
Max
A
0.81
1.12
0.032
0.048
A1
0.05
0.15
0.002
0.006
A2
0.76
0.86
0.030
0.038
B
0.28
0.38
0.011
0.015
C
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
H
4.70
5.10
0.185
0.201
E
2.90
3.10
0.114
0.122
e
0.65
0.026
L
0.40
0.66
0.016
0.026
Symbol
Dimension in mm
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20 REF.
D
3.00 BASIC
D2
1.60
2.50
E
3.00 BASIC
E2
1.35
1.75
e
0.65 BASIC
b
0.25
0.30
0.35
L
0.30
0.40
0.50
K
0.20
JEDEC
MO-229(Variation V3030C-2)



Html Pages

1 2 3 4 5 6 7 8 9