| 전자부품 데이터시트 검색엔진 |
|
HD64F3687 데이터시트(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F3687 데이터시트(HTML) 42 Page - Renesas Technology Corp |
|
42 / 504 page ![]() Rev. 3.00, 05/03, page 12 of 472 2.1 Address Space and Memory Map The address space of this LSI is 64 kbytes, which includes the program area and the data area. Figures 2.1 show the memory map. H'0000 H'0041 H'0042 H'DFFF H'FB7F H'FF7F H'FF80 H'FB80 H'F77F H'F780 H'F700 H'EFFF H'E800 H'FFFF H'FB7F H'FF7F H'FF80 H'FB80 H'F77F H'F780 H'F700 H'FFFF HD64N3687G HD64F3687 HD64F3687G (Flash memory version) Interrupt vector Interrupt vector Interrupt vector On-chip ROM (56 kbytes) On-chip ROM (16 kbytes) On-chip ROM (24 kbytes) Internal I/O register Internal I/O register (1 kbyte work area for flash memory programming) (1 kbyte user area) On-chip RAM (2 kbytes) On-chip RAM (2 kbytes) Not used Not used Internal I/O register Internal I/O register On-chip RAM (2 kbytes) On-chip RAM (1 kbytes) Not used Internal I/O register Internal I/O register On-chip RAM (2 kbytes) On-chip RAM (1 kbytes) Not used Not used Not used Not used Not used H'EFFF H'E800 HD64F3684 HD64F3684G (Flash memory version) Interrupt vector On-chip ROM (32 kbytes) Internal I/O register Internal I/O register On-chip RAM (2 kbytes) Not used Not used H'0000 H'0041 H'0042 H'7FFF (1 kbyte work area for flash memory programming) (1 kbyte user area) On-chip RAM (2 kbytes) H'0000 H'0041 H'0042 H'3FFF H'FF7F H'FF80 H'FB80 H'F77F H'F700 H'EFFF H'E800 H'FFFF HD6433682 HD6433682G (Mask-ROM version) H'0000 H'0041 H'0042 H'5FFF H'FF7F H'FF80 H'FB80 H'F77F H'F700 H'EFFF H'E800 H'FFFF HD6433683 HD6433683G (Mask-ROM version) Figure 2.1 Memory Map (1) |