| 전자부품 데이터시트 검색엔진 |
|
HCPL260L 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL260L 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard) |
|
3 / 14 page ![]() 6 − 106 Package Outline Drawings 8-Pin DIP Package 1.080 ± 0.320 (0.043 ± 0.013) 2.54 ± 0.25 (0.100 ± 0.010) 0.51 (0.020) MIN. 0.65 (0.025) MAX. 4.70 (0.185) MAX. 2.92 (0.115) MIN. 5 ° TYP. 0.254 + 0.076 - 0.051 (0.010 + 0.003) - 0.002) 7.62 ± 0.25 (0.300 ± 0.010) 6.35 ± 0.25 (0.250 ± 0.010) 9.65 ± 0.25 (0.380 ± 0.010) 1.78 (0.070) MAX. 1.19 (0.047) MAX. A XXXXZ YYWW DATE CODE DIMENSIONS IN MILLIMETERS AND (INCHES). 5 6 7 8 4 3 2 1 OPTION CODE* UL RECOGNITION UR TYPE NUMBER *MARKING CODE LETTER FOR OPTION NUMBERS "L" = OPTION 020 "V" = OPTION 060 OPTION NUMBERS 300 AND 500 NOT MARKED. 6章104-117(PDF用) 01.5.24, 4:23 PM Page 106 Adobe PageMaker 6.0J/PPC |