전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MG20U202ASC1 데이터시트(PDF) 9 Page - Megawin Technology Co., Ltd

부품명 MG20U202ASC1
상세설명  Open loop current peak detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEGAWIN [Megawin Technology Co., Ltd]
홈페이지  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG20U202ASC1 데이터시트(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MG20U202ASC1 Datasheet HTML 2Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 3Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 4Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 5Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 6Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 7Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 8Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 9Page - Megawin Technology Co., Ltd MG20U202ASC1 Datasheet HTML 10Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MEGAWIN
MG20U202 Data Sheet
9
Electrical Characteristics (continued)
Current sense blanking
interval
tBLANK
VCS=0.55 VLD, VLD=VDD
150
215
285
nS
Delay from CS trip to GATE IO
tDELAY
VLD=VDD, VCS= VCSTH +50mV
after tBLANK
-
-
300
nS
Gate Driver
GATE output high voltage
VGATE (H)
VDD
-0.4
-
-
V
GATE output low voltage
VGATE (L)
-
-
0.4
V
GATE output high driving
current
IGATE (H)
VGATE= VDD-0.4V
-
10
-
mA
GATE output low sinking
current
IGATE (L)
VGATE= 0.4V
-
25
-
mA
GATE output rise time
tRISE
CGATE = 500pF
-
30
50
nS
GATE output fall time
tFALL
CGATE = 500pF
-
30
50
nS
Oscillator
ROSC= 1.0MΩ
22K
27K
32K
Oscillator frequency
FOSC
ROSC= 226KΩ
90K
110K
120K
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com