전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MG39U301ASC1 데이터시트(PDF) 9 Page - Megawin Technology Co., Ltd

부품명 MG39U301ASC1
상세설명  Open loop current peak detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEGAWIN [Megawin Technology Co., Ltd]
홈페이지  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MG39U301ASC1 데이터시트(HTML) 9 Page - Megawin Technology Co., Ltd

Back Button MG39U301ASC1 Datasheet HTML 4Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 5Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 6Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 7Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 8Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 9Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 10Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 11Page - Megawin Technology Co., Ltd MG39U301ASC1 Datasheet HTML 12Page - Megawin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MEGAWIN
MG39U301 Data Sheet
9
8 Absolute Maximum Rating
Parameter
Rating
Unit
VIN to GND
-0.5 to +525
V
VDD to GND
7
V
CS, LD, PWM, GATE, RT to GND
-0.3 to (VDD + 0.3)
V
Junction Temperature
-40 to +125
°C
Storage temperature
-55 to +155
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.
9 Electrical Characteristics
All typical numbers are at Ta=25
°C and V
IN=12V, unless otherwise noted.
Parameter
Sym.
Conditions
Min.
Typ.
Max.
Unit
Input DC supply voltage range
VINDC
DC input voltage
7.0
-
500
V
Shut down mode supply
current
IINSD
PWM=0, VIN=7.5V
-
0.5
0.7
mA
Operating Current
IOP
VIN > 7.5V, ROSC=226K and
CGATE=500P
-
0.8
1.2
mA
Internal Regulator
Internally regulated Voltage
VDD
VIN =7.5V ~ 200V,
ROSC=226K, CGATE = 500pF,
No load in pin VDD
5.0
5.6
6.0
V
Maximal pin VDD voltage
VDDMAX
When an external voltage
applied to pin VDD
-
-
7.0
V
Output current of the regulator
ISOURCE
VDD = 5.6V
-
0.7
-
mA
VDD under-voltage lockout
threshold
VUVLO
VIN rising
-
5.30
-
V
VDD under-voltage lockout
hysteresis
ΔUVLO
VIN falling
100
300
500
mV
PWM Dimming
Pin PWM input high voltage
VPWM (H)
VIN =7.5V ~ 500V
2.0
-
-
V
Pin PWM input low voltage
VPWM (L)
VIN =7.5V ~ 500V
-
-
0.8
V
Pin PWM pull-down resistance
RPWM
VDD =5.5V
50
100
150
K
Ω
PWM signal duty
DPWM
0
-
100
%
Current Sense Input
Ta= 0
°C to +125°C,
VDD = 5.6V
255
275
285
mV
Current sense pull-in threshold
voltage
VCSTH
Ta= -40
°C,
VDD = 5.6V
200
-
-
mV
Offset voltage of comparator
VOS
-20
-
20
mV
Linear dimming pin voltage
range
VLD
0
-
VCSTH
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com