전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF62 데이터시트(PDF) 12 Page - Hirose Electric

부품명 DF62
상세설명  2 횞 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF62 데이터시트(HTML) 12 Page - Hirose Electric

Back Button DF62 Datasheet HTML 4Page - Hirose Electric DF62 Datasheet HTML 5Page - Hirose Electric DF62 Datasheet HTML 6Page - Hirose Electric DF62 Datasheet HTML 7Page - Hirose Electric DF62 Datasheet HTML 8Page - Hirose Electric DF62 Datasheet HTML 9Page - Hirose Electric DF62 Datasheet HTML 10Page - Hirose Electric DF62 Datasheet HTML 11Page - Hirose Electric DF62 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
DF62 Series / DF62W Series●2 × 2.2mm Pitch, Wire-to-Wire Connectors for Small Spaces (UL, C-UL Listed)
■Straight pin Header (Water proof type)
*9 pos. shown as an example.
Part No.
HRS No.
No. of
Contacts
AB
DF62W-9P-2.2DSA(**) 544-1024-0 **
9
12
12.1
Note 1 : This product is sold per tray (200pcs/tray), please place orders by tray unit.
Unit : mm
[Specification No.] **
(01) : Gold plating
●Recommended PCB layout
(Recommended thickness t=1.6mm)
Operating Precautions
Do not tilt the crimping contact while it is being inserted into the plug, this can lead to damage of the contacts and will
downgrade its performance.
For precautions when handling the harness, please refer to the “DF62 Series Cable Assembly Procedures” or “DF62W
Series Cable Assembly Procedures”.
The color of the resin on these connectors may vary depending on the manufacturing lot. This variance will not affect the
connector’s performance.
For precautions relating to insertion and extraction of this connector, please refer to the “DF62 Series Inserting/Extracting
Procedures” or “DF62W Series Inserting/Extracting Procedures”.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 07/2016. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®
P=2.2
Contact
No1. marking
Cavity No.
□
0.5
AB
9∞Ø0.8
+0.1
−0
5.05±0.05
[9 pos]
P=2.2±0.05
P=2.2±0.05
Outline of the connector
Ø1.8
+0.1
−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com