전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLVBA-FKA 데이터시트(PDF) 10 Page - Cree, Inc

부품명 CLVBA-FKA
상세설명  Cree PLCC4 3-in-1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CLVBA-FKA 데이터시트(HTML) 10 Page - Cree, Inc

Back Button CLVBA-FKA Datasheet HTML 2Page - Cree, Inc CLVBA-FKA Datasheet HTML 3Page - Cree, Inc CLVBA-FKA Datasheet HTML 4Page - Cree, Inc CLVBA-FKA Datasheet HTML 5Page - Cree, Inc CLVBA-FKA Datasheet HTML 6Page - Cree, Inc CLVBA-FKA Datasheet HTML 7Page - Cree, Inc CLVBA-FKA Datasheet HTML 8Page - Cree, Inc CLVBA-FKA Datasheet HTML 9Page - Cree, Inc CLVBA-FKA Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree PLCC4 3 in 1 SMD LED
CLVBA-FKA
• The boxes are not water resistant and they must be kept away from water and moisture.
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
• The reel pack is applied in SMD LED.
• Max 2000 pcs per reel.
PACKAGING
H UMIC HECK
w ww .vit apac .c om



Html Pages

1 2 3 4 5 6 7 8 9 10