| 전자부품 데이터시트 검색엔진 |
|
174635 데이터시트(PDF) 12 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
174635 데이터시트(HTML) 12 Page - Tyco Electronics |
|
12 / 21 page ![]() Product Specification 108-5246 Rev. L 12 of 21 A. Sample Selection Connector housing and contacts shall be prepared in accordance with applicable Instruction Sheets.They shall be selected at random from current production. コネクタ挿入力・引抜力 Connector Mating / Unmating Force 初回及び30回後 Initial and 30 cycles 極 数 No. of Pos コネクタ挿抜力 Connector Mating /Unmating Force コネクタ挿入力 N (kgf) 以下 引抜力 N (kgf) 以上 Mating Force N (kgf) max. Unmating Force N (kgf) min. 4 5 13.72 ( 1.4 ) 2.94 ( 0.3 ) 6 7 17.64 ( 1.8 ) 3.92 ( 0.4 ) 8 9 21.56 ( 2.2 ) 4.90 ( 0.5 ) 10 25.48 ( 2.6 ) 5.88 ( 0.6 ) 12 29.40 ( 3.0 ) 6.86 ( 0.7 ) 14 34.30 ( 3.5 ) 7.84 ( 0.8 ) 16 17 39.20 ( 4.0 ) 8.82 ( 0.9 ) 18 44.10 ( 4.5 ) 9.80 ( 1.0 ) 20 49.00 ( 5.0 ) 10.78 ( 1.1 ) 22 54.88 ( 5.6 ) 11.76 ( 1.2 ) 24 60.76 ( 6.2 ) 12.74 ( 1.3 ) 26 66.64 ( 6.8 ) 13.72 ( 1.4 ) 30 78.40 ( 8.0 ) 15.68 ( 1.6 ) 40 102.90 ( 10.5 ) 22.54 ( 2.3 ) 50 127.40 ( 13.0 ) 29.40 ( 3.0 ) Fig. 4 コンタクト挿入力・引抜力 Contact Mating / Unmating Force 初回 Initial コネクタ挿入力 N (kgf) 以下 引抜力 N (kgf) 以上 Mating Force N (kgf) max. Unmating Force N (kgf) min. 1.96 ( 0.20 ) 0.39 ( 0.04 ) Fig. 5 |