전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LW064D 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M58LW064D
상세설명  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D 데이터시트(HTML) 5 Page - STMicroelectronics

  M58LW064D Datasheet HTML 1Page - STMicroelectronics M58LW064D Datasheet HTML 2Page - STMicroelectronics M58LW064D Datasheet HTML 3Page - STMicroelectronics M58LW064D Datasheet HTML 4Page - STMicroelectronics M58LW064D Datasheet HTML 5Page - STMicroelectronics M58LW064D Datasheet HTML 6Page - STMicroelectronics M58LW064D Datasheet HTML 7Page - STMicroelectronics M58LW064D Datasheet HTML 8Page - STMicroelectronics M58LW064D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5/50
M58LW064D
SUMMARY DESCRIPTION
The M58LW064D is a 64 Mbit (8Mb x 8 or 4Mb
x16) non-volatile memory that can be read, erased
and reprogrammed. These operations can be per-
formed using a single low voltage (2.7V to 3.6V)
core supply.
The memory is divided into 64 blocks of 1Mbit that
can be erased independently so it is possible to
preserve valid data while old data is erased. Pro-
gram and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller simplifies the process of
programming or erasing the memory by taking
care of all of the special operations that are re-
quired to update the memory contents. The end of
a Program or Erase operation can be detected and
any error conditions identified in the Status Regis-
ter. The command set required to control the
memory is consistent with JEDEC standards.
The Write Buffer allows the microprocessor to pro-
gram from 1 to 16 Words in parallel, both speeding
up the programming and freeing up the micropro-
cessor to perform other work. A Word Program
command is available to program a single word.
Erase can be suspended in order to perform either
Read or Program in any other block and then re-
sumed. Program can be suspended to Read data
in any other block and then resumed. Each block
can be programmed and erased over 100,000 cy-
cles.
The M58LW064D has several security features to
increase data protection.
■
Block Protection, where each block can be
individually protected against program or
erase operations. All blocks are protected
during power-up. The protection of the blocks
is non-volatile; after power-up the protection
status of each block is restored to the state
when power was last removed.
■
Program Erase Enable input VPEN, program or
erase operations are not possible when the
Program Erase Enable input VPEN is low.
■
128 bit Protection Register, divided into two 64
bit segments: the first contains a unique
device number written by ST, the second is
user programmable. The user programmable
segment can be protected.
The Reset/Power-Down pin is used to apply a
Hardware Reset to the enabled memory and to set
the device in power-down mode.
The device features an Auto Low Power mode. If
the bus becomes inactive during read operations,
the device automatically enters Auto Low Power
mode. In this mode the power consumption is re-
duced to the Auto Low Power supply current.
The STS signal is an open drain output that can be
used to identify the Program/Erase Controller sta-
tus. It can be configured in two modes: Ready/
Busy mode where a static signal indicates the sta-
tus of the P/E.C, and Status mode where a pulsing
signal indicates the end of a Program or Block
Erase operation. In Status mode it can be used as
a system interrupt signal, useful for saving CPU
time.
The memory is available in TSOP56 (14 x 20 mm)
and TBGA64 (10x13mm, 1mm pitch) packages.
In addition to the standard version, the packages
are also available in Lead-free version, in compli-
ance with JEDEC Std J-STD-020B, the ST ECO-
PACK 7191395 Specification, and the RoHS
(Restriction of Hazardous Substances) directive.
All packages are compliant with Lead-free solder-
ing processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com