전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP0502BA 데이터시트(PDF) 5 Page - Littelfuse

부품명 SP0502BA
상세설명  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502BA 데이터시트(HTML) 5 Page - Littelfuse

  SP0502BA Datasheet HTML 1Page - Littelfuse SP0502BA Datasheet HTML 2Page - Littelfuse SP0502BA Datasheet HTML 3Page - Littelfuse SP0502BA Datasheet HTML 4Page - Littelfuse SP0502BA Datasheet HTML 5Page - Littelfuse SP0502BA Datasheet HTML 6Page - Littelfuse SP0502BA Datasheet HTML 7Page - Littelfuse SP0502BA Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
224
www.littelfuse .com
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
B
1
2
3
4
5
6
e
E
HE
c
L
A1
A
D
A2
e
505
Outline Drawings
SP0505BAJT - SC70-6
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-6
5
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.031
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.65 BSC
0.026 BSC
0.079
0.094
0.010
0.018
M
N
O
P
R
S
T
-
-
-
-
-
-
-
1.60
1.30
0.65
0.70
0.35
0.90
2.50
0.063
0.052
0.026
0.058
0.014
0.035
0.098
-
-
-
-
-
-
-
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
502B
SP0502BAHT - SOT23
P
0
N
M
Package
Pins
JEDEC
A
A1
b
c
D
E
E1
e
e1
L1
SOT23
3
TO-236
mm
inches
min
max
min
max
0.89
1.12
0.035
0.044
0.01
0.1
0.0004
0.004
0.3
0.5
0.012
0.020
0.08
0.2
0.003
0.008
2.8
3.04
0.110
0.120
2.1
2.64
0.083
0.104
1.2
1.4
0.047
0.055
1.90 BSC
1.90 BSC
0.54 REF
0.54 REF
0.95 BSC
0.95 BSC
M
N
O
P
2.29
.090
0.95
.0375
0.78
.030TYP
0.78
.030TYP
Recommended Pad Layout
Recommended Pad Layout
P
T
+
++
+
++
+
S (REF)
N (REF)
M (REF)
O (REF)
R



Html Pages

1 2 3 4 5 6 7 8