전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP0505BAHT 데이터시트(PDF) 4 Page - Littelfuse

부품명 SP0505BAHT
상세설명  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0505BAHT 데이터시트(HTML) 4 Page - Littelfuse

  SP0505BAHT Datasheet HTML 1Page - Littelfuse SP0505BAHT Datasheet HTML 2Page - Littelfuse SP0505BAHT Datasheet HTML 3Page - Littelfuse SP0505BAHT Datasheet HTML 4Page - Littelfuse SP0505BAHT Datasheet HTML 5Page - Littelfuse SP0505BAHT Datasheet HTML 6Page - Littelfuse SP0505BAHT Datasheet HTML 7Page - Littelfuse SP0505BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
223
www.littelfuse .com
5
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
e
HE
3
1
2
E
B
A1
A
D
C
L
A2
e
502
e
5
4
1
2
3
L
E HE
c
B
A1
A
D
A2
504
e
Outline Drawings
SP0502BAJT - SC70-3
SP0504BAJT - SC70-5
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-5
5
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.03
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.65 BSC
0.026 BSC
0.079
0.094
0.010
0.018
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-3
3
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.031
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.66 BSC
0.026 BSC
0.079
0.094
0.010
0.018



Html Pages

1 2 3 4 5 6 7 8