| 전자부품 데이터시트 검색엔진 |
|
408-10055 데이터시트(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
408-10055 데이터시트(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() 408- 10055 Removal Tools 1804171- 1, 1804173- 1, and 1804174- 1 Rev B 2 of 2 Tyco Electronics Corporation 2. Slide the removal tool onto the front of the header so that the blades fit over the header ground shields. See Figure 3, Detail A. 3. Push the removal tool straight into the header until the blades butt against the housing. Straighten the puller so that the teeth of the puller fit over the back edge of the housing. See Figure 3, Detail B. 4. Hold the puller in place, and tighten the thumbscrew knob. 5. Slowly pull the lever away from the pc board until the pushers butt against the pc board. Make sure that the removal tool moves straight. DO NOT allow the removal tool to tilt. See Figure 3, Detail C. Detail A Detail B Figure 3 Ground Shields Blades Teeth of Puller Over Back Edge of Housing Puller Detail C Housing Pusher (2 Places) Against PC Board PC Board Header Pull Lever 6. Pull the removal tool (with the housing) straight away from the header. DO NOT tilt the removal tool. 7. Loosen the thumbscrew knob, and lower the puller away from the housing. 8. Pull the housing from the removal tool. 5. MAINTENANCE It is recommended that each operator be made aware of, and responsible for, the following steps of daily maintenance: 1. Remove dust, moisture, and other contaminants from the removal tool with a clean, soft brush, or lint--free cloth. DO NOT use objects that could damage the removal tool. 2. When the removal tool is not in use, store it in a clean, dry area. 6. REPLACEMENT AND REPAIR Order removal tools through your representative, or call 1--800--526--5142, or send a facsimile of your purchase order to 717--986--7605, or write to: CUSTOMER SERVICE (038--035) TYCO ELECTRONICS CORPORATION PO BOX 3608 HARRISBURG PA 17105--3608 For customer repair service, call 1--800--526--5136. 7. REVISION SUMMARY Revisions to this instruction sheet include: S Updated instruction sheet to corporate requirements |