전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPD2W151MND2535 데이터시트(PDF) 1 Page - Surge Components

부품명 SPD2W151MND2535
상세설명  Smaller size with higher ripple current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SURGE [Surge Components]
홈페이지  http://www.surgecomponents.com
Logo SURGE - Surge Components

SPD2W151MND2535 데이터시트(HTML) 1 Page - Surge Components

  SPD2W151MND2535 Datasheet HTML 1Page - Surge Components SPD2W151MND2535 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T RO L Y
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +105℃
Working Voltage Range
400 ~ 450Vdc
Capacitance Range
82 ~ 330
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above value should be increased by 0.02 for every additional 1000uF
Rated Voltage (V)
400
420
450
tanδ(Max)
0.20
0.20
0.20
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied
for 3,000 hours at 105℃.
Capacitance change
≦ ±20% of the initial value
Di
ssipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 105℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 450V 150µF )
SPD Series
 Smaller size with higher ripple current.
 Load life 3,000 hours at 105 ℃.
 Suitable for LCD and PDP.
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(2535 : 25×35)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(150
μF)
Voltage code(450V)
Series code (SPD)
P
D
2
5
1
1
W
M N
D
2
5
3
5
S


유사한 부품 번호 - SPD2W151MND2535

제조업체부품명데이터시트상세설명
logo
Littelfuse
SPD2-075-1P0-R LITTELFUSE-SPD2-075-1P0-R Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-075-M LITTELFUSE-SPD2-075-M Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-150-1P0-R LITTELFUSE-SPD2-150-1P0-R Datasheet
152Kb / 2P
Surge Protection Devices SPD2 1P0 SERIES
Rev: 1-A-061719
SPD2-150-2P0-R LITTELFUSE-SPD2-150-2P0-R Datasheet
159Kb / 2P
Surge Protection Devices SPD2 2P0 SERIES
Rev: 1-A-061719
SPD2-150-3P0-R LITTELFUSE-SPD2-150-3P0-R Datasheet
169Kb / 2P
Surge Protection Devices
Rev: 1-A-061719
More results

유사한 설명 - SPD2W151MND2535

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ Datasheet
439Kb / 7P
Compact, High-Ripple Snap-in Smaller for Same Capacitance
logo
List of Unclassifed Man...
YJP-1608-R001 ETC2-YJP-1608-R001 Datasheet
51Kb / 1P
Higher Current 10A with 0603 size
logo
Cornell Dubilier Electr...
500R222M350BC2B CDE-500R222M350BC2B Datasheet
201Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
logo
Illinois Capacitor, Inc...
ULG ILLINOISCAPACITOR-ULG Datasheet
149Kb / 2P
Small size - High ripple current ??super low ESR
logo
Surge Components
SPG2W471MND3550 SURGE-SPG2W471MND3550 Datasheet
370Kb / 3P
Smaller size with higher ripple current
SPI2W271MND3040 SURGE-SPI2W271MND3040 Datasheet
299Kb / 2P
Endurance with ripple current
logo
Cornell Dubilier Electr...
500R CDE-500R_17 Datasheet
789Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
logo
Quelighting Corp
QLSP1308R-289 QUELIGHTING-QLSP1308R-289 Datasheet
579Kb / 10P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1308YG-288 QUELIGHTING-QLSP1308YG-288 Datasheet
578Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
QLSP1608R-293 QUELIGHTING-QLSP1608R-293 Datasheet
630Kb / 11P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com