전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPK2S471MND3545 데이터시트(PDF) 1 Page - Surge Components

부품명 SPK2S471MND3545
상세설명  Long life and high temperature, down size and high ripple current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SURGE [Surge Components]
홈페이지  http://www.surgecomponents.com
Logo SURGE - Surge Components

SPK2S471MND3545 데이터시트(HTML) 1 Page - Surge Components

  SPK2S471MND3545 Datasheet HTML 1Page - Surge Components SPK2S471MND3545 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPK Series
 Long life and high temperature, down size and high ripple current.
 Load life 3,000 hours at 105 ℃.
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +105℃
Working Voltage Range
200 ~ 450Vdc
Capacitance Range
56 ~ 1,800
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above values should be increased by 0.02 for every additional 1000μF
Rated Voltage (V)
200
220
250
350
400
420
450
tanδ(Max)
0.15
0.15
0.15
0.15
0.15
0.15
0.15
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied for
3,000 hours at 105℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 105℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 420V 470µF )
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(3545 : 35×45)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(470
μF)
Voltage code(420V)
Series code (SPK)
P
K
2
7
1
4
S
M N
D
3
5
4
5
S


유사한 부품 번호 - SPK2S471MND3545

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
SPK2040 RECTRON-SPK2040 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER
SPK2440 RECTRON-SPK2440 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 24 Amperes
SPK2540 RECTRON-SPK2540 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 25 Amperes
logo
Knowles Electronics
SPK2611HM7H-1-6 KNOWLES-SPK2611HM7H-1-6 Datasheet
3Mb / 37P
IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
More results

유사한 설명 - SPK2S471MND3545

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
RUBYCON CORPORATION
35YXG1000M12.5X25 RUBYCON-35YXG1000M12.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
105??High ripple current. Long Life.
logo
MERITEK ELECTRONICS COR...
RF MERITEK-RF Datasheet
925Kb / 6P
High ripple current, low E.S.R. and long life
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
Long life, High ripple, 135?
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
Standard, Long life down size and high ripple current
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
AEB CDE-AEB Datasheet
710Kb / 7P
Low Impedance and Long Life for High Voltage, High Ripple Current Applications
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com