전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

323930 데이터시트(PDF) 2 Page - Tyco Electronics

부품명 323930
상세설명  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

323930 데이터시트(HTML) 2 Page - Tyco Electronics

  323930 Datasheet HTML 1Page - Tyco Electronics 323930 Datasheet HTML 2Page - Tyco Electronics 323930 Datasheet HTML 3Page - Tyco Electronics 323930 Datasheet HTML 4Page - Tyco Electronics 323930 Datasheet HTML 5Page - Tyco Electronics 323930 Datasheet HTML 6Page - Tyco Electronics 323930 Datasheet HTML 7Page - Tyco Electronics 323930 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LOC B
Figure 1
2. Each set of dies consists of a male die and a
female die. See Figure 4.
3. Pull female die holding pin out of tool. Close
handles until male die holding screw is visible.
See Figure 4.
4. Turn die holding screw slot in a vertical
position. See Figure 4.
5. Insert male die into head of tool with the color
coded groove facing operator.
Do not attempt to insert dies into the tool while
holding dies together. Dies are inserted into the
tool separately.
6. Insert female die into bead of tool. Both color
coded grooves should now be facing operator.
7. Turn male die holding screw slot 1/4 sum to left
or right.
8. Open the handles slightly and push the female
die down so that the hole in the female die lines
up with the hole in the insert. Insert the female
die holding pin. See Figure 5.
Figure 2
Tool
Primary
Conductor
Insulation
Range
(Inches)
Crimping Die
Number
Ferrule Number
Insulation
Cap
Die, Ferrule
and Cap
Color Code
Zinc-Plated
w/Inspctn
Hole
Tin-Plated
w/Out Inspctn
Hole
Tin-Plated w/
Inspctn
Hole
59500
and
69270-1
.
033 Max.
. 45061-3
327192
2-327192- 1
--
327768
GREEN
.033 -.059
45062-3
323930
2-323930-1
2-32930-2
325009
VIOLET
.059 -.085
45063-3
323931
2-323931-1
2-323931-2
325010
WHITE ‡
085 -.095
45064-3
323932
2-323932-1
2-323932-2
325011
BROWN
.095 -.115
45065-3
323933
2-323933-1
2-323933-2
325012
ORANGE
.115 -.130
45066-3
323934
2-323934-1
2·323934-2
325013
GREEN
59500
.130 -.145
45238-2
327137
2-327137-1
2·327137·2
328224
VIOLET
.145 -.184
45239-2
327138
2-327138-1
2-327138-2
328225
WHITE ‡
.184 -.220
45240-2
327139
2-327139-1
2-327139-2
328226
BROWN
.220 -.245
45241-2
327140
2-327140-1
2-327140~2
328227
ORANGE
.245 -.270
45158-2
327141
2-327141-1
2-327141-2
328228
GREEN
NOTE
i
Conductors
in Wire
Multiply
Factor
Conductors
in Wire
Multiply
Factor
2
2.00144.30
3
2.17154.45
4
2.42
16
4.60
5
2.57174.75
6
2.82
18
4.88
7
3.04195.01
8
3.25
20
5.14
9
3.45215.27
10
3.64
22
5.39
11
3.81
23
5.52
12
3.98
24
5.63
13
4.15
25
5.75
2 of 8
408-1662
Rev A



Html Pages

1 2 3 4 5 6 7 8