전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTX 데이터시트(PDF) 2 Page - TE Connectivity Ltd

부품명 RTX
상세설명  Reinforced insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RTX 데이터시트(HTML) 2 Page - TE Connectivity Ltd

  RTX Datasheet HTML 1Page - TE Connectivity Ltd RTX Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-2014, Rev. 0514
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
Power PCB Relay RTX (Continued)
General Purpose Relays
PCB Relays
PCB layout / terminal assignment
Bottom view on solder pins
16A, pinning 5mm, 1 form A (NO) contact
S0418-CM
S0163-DI
a)
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only
S0272-BC-RTX
Dimensions
Product code structure
Typical product code
RTX
3
-1A
T
-B012
Type
RTX
Power PCB Relay RTX
Version
3
16A, double pinning 5mm
Contact arrangement
1A 1 form A (1 NO)
Contact material
T
W (pre-make cont.)+AgSnO
Coil version
Coil code: please refer to coil versions table
Product code
Contacts
Contact material
Coil Version
Coil
Part number
RTX3-1AT-B003
1 NO contact
W(pre-make) + AgSnO
bistable 1 coil
3 VDC
1937650-1
RTX3-1AT-B005
5 VDC
1937650-2
RTX3-1AT-B006
6 VDC
1937650-3
RTX3-1AT-B009
9 VDC
1937650-4
RTX3-1AT-B012
12 VDC
1937650-5
RTX3-1AT-B024
24 VDC
1937650-6
RTX3-1AT-B048
48 VDC
1937650-7
RTX3-1AT-C012
bistable 2 coil
12 VDC
1937650-8
RTX3-1AT-C024
24 VDC
1937650-9
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com