전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA2 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CXA2
상세설명  XLamp Studio LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2 데이터시트(HTML) 2 Page - Cree, Inc

  CXA2 Datasheet HTML 1Page - Cree, Inc CXA2 Datasheet HTML 2Page - Cree, Inc CXA2 Datasheet HTML 3Page - Cree, Inc CXA2 Datasheet HTML 4Page - Cree, Inc CXA2 Datasheet HTML 5Page - Cree, Inc CXA2 Datasheet HTML 6Page - Cree, Inc CXA2 Datasheet HTML 7Page - Cree, Inc CXA2 Datasheet HTML 8Page - Cree, Inc CXA2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CXa2 Studio LEd
ChArACtEriStiCS
Characteristics
unit
Minimum
typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (HBM per Mil-Std-883D)
v
8000
DC forward current (36 V)
mA
3600*
DC forward current (72 V)
mA
1800*
Reverse current (36 V, 72 V )
mA
0.1
Forward voltage (36 V, @ 2400 mA, T
j = 85 °C)
v
36
Forward voltage (36 V, @ 2400 mA, T
j = 25 °C)
v
39
Forward voltage (72 V, @ 1200 mA, T
j = 85 °C)
v
72
Forward voltage (72 V, @ 1200 mA, T
j = 25 °C)
v
78
*
Refer to the Operating Limits section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com