| 전자부품 데이터시트 검색엔진 |
|
BUW45 데이터시트(PDF) 1 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
BUW45 데이터시트(HTML) 1 Page - Seme LAB |
|
|
1 / 1 page ![]() BUW45 Parameter Test Conditions Min. Typ. Max. Units V CEO* 400 V I C(CONT) 15 A h FE @ 1.5/7 (V CE / IC) 7 - f t Hz P D 175 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 1-Aug-02 TO3 (TO204AE) PINOUTS 1 – Base 2 – Emitter Case - Collector Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) |
유사한 부품 번호 - BUW45 |
|
유사한 설명 - BUW45 |