전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GP1272F2 데이터시트(PDF) 1 Page - CSB Battery Co., Ltd.

부품명 GP1272F2
상세설명  Valve Regulated Lead Acid Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CSB-BATTERY [CSB Battery Co., Ltd.]
홈페이지  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

GP1272F2 데이터시트(HTML) 1 Page - CSB Battery Co., Ltd.

  GP1272F2 Datasheet HTML 1Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.2AH
Maintenance-Free Sealed Lead Acid Battery.
Absorbent Glass Mat (AGM) technology for efficient gas recombination of up to 99%.
【Design Life】
【 Float Charging Voltage】
Up to 5 Years in Standby Service at 25℃
13.5 ~ 13.8 VDC/Unit at 25℃ (77℉)
Eurobat (20℃) : 3-5 years, Standard Commercial
【
Equalization Charging Voltage 】
【 Operating Temperature Range】
14.4 ~ 15.0 VDC/Unit at 25℃ (77℉)
【 Self Discharge】
Less than 10% after 90 days, can be stored up to 6 months at 25℃ (77℉);
Fully recharging is required before usage, and charged sooner if stored
Storage: -15℃ ~ 40℃ (5℉~104℉)
at higher temperature than 25℃ (77℉).
Design according with IEC 61056-1/2: 2012
Nominal Capacity
Terminal hardware Torque
Length (L)
150.9±2.0 mm
5.94±0.08 inch
Width (W)
64.8±1.0 mm
2.55±0.04 inch
Container Height (h)
94.3±1.0 mm
3.71±0.04 inch
Overall Height (H)
98.6±1.0 mm
3.88±0.04 inch
F.V/Time
5 MIN
10MIN
15MIN
30MIN
60MIN
90MIN
2HR
3HR
5HR
8HR
10HR
20HR
1.60V
34.8
21.5
15.9
9.22
5.37
3.92
3.11
2.24
1.48
0.990
0.817
0.441
1.67V
33.2
21.2
15.7
9.18
5.35
3.91
3.10
2.23
1.47
0.988
0.815
0.440
1.70V
32.1
20.9
15.5
9.13
5.33
3.90
3.09
2.22
1.46
0.986
0.813
0.439
1.75V
30.0
20.1
15.1
8.98
5.29
3.88
3.08
2.21
1.45
0.982
0.810
0.437
1.80V
27.5
18.7
14.4
8.68
5.18
3.83
3.05
2.20
1.44
0.971
0.800
0.432
1.85V
24.2
16.9
13.1
8.14
4.96
3.72
2.96
2.14
1.40
0.942
0.776
0.418
F.V/Time
5MIN
10MIN
15MIN
30MIN
60MIN
90MIN
2HR
3HR
5HR
8HR
10HR
20HR
1.60V
365
238
179
108
63.2
46.5
36.9
26.7
17.6
12.1
9.90
5.36
1.67V
353
234
178
107
63.1
46.4
36.8
26.6
17.5
12.0
9.89
5.35
1.70V
346
232
177
106
63.0
46.3
36.7
26.5
17.4
11.9
9.88
5.34
1.75V
329
224
173
105
62.6
46.2
36.6
26.4
17.3
11.8
9.85
5.32
1.80V
304
212
165
103
61.6
45.7
36.3
26.3
17.2
11.7
9.76
5.27
1.85V
276
195
153
97.6
59.5
44.5
35.4
25.6
17.0
11.5
9.51
5.12
Please refer to the official site for the latest rating confirmation. URL: www.csb-battery.com
Issued:
161227
Tel: +31(0)180-418-140
Tel: +886-2-2880-5600
Fax: +31(0)180-418-327
Fax: +866-2-2888-3300
Tel: +86-10-5820-5336, 5820-5338
Fax: +86-10-5820-3053
GP series
GP 1272 12V 8.5AH
Valve Regulated Lead Acid Battery
Design for Standby Power Applications
Nominal Operating Temperature : 25℃(77℉)
Internal Resistance
Approx. 23.0mΩ
Discharge : -15℃ ~ 50℃ (5℉~122℉)
Charge: -15℃ ~ 40℃ (5℉~104℉)
Specification
Nominal Voltage
12V (6 cells per unit)
8.5Ah @20hr-rate to 1.75V per cell @25℃ (77℉)
Weight
Approx. 2.40 Kg (5.29 lbs)
Maximum Discharge Current
100/130A (5sec)
Dimensions
Maximum Charge Current
2.16A
Terminal types
Container Material
ABS (UL 94-HB) & Flame Retardant (94-V0) available upon request
--
F1/F2 terminal -Faston Tab 187/250
Tel: +1-817-244-7777 / 1-(800)3-CSB-USA (272872)
Constant Power Discharge Characteristics Unit: W (25℃, 77℉)
Recognized under UL 1989,
and certified by ISO 9001, 14001.
Sales Offices
BUSINESS HEADQUARTERS
Short Circuit Current
276A
Fax: +86-755-8831-6075
Fax: +86-21-5046-1046
Constant Current Discharge Characteristics Unit: A (25℃, 77℉)
Fax: +1-817-244-4445
SHENZHEN OFFICE (CHINA)
SHANGHAI OFFICE (CHINA)
BEIJING OFFICE (CHINA)
Tel: +86-755-8831-6488, 8831-6775
Tel: +86-21-5046-1622, 5046-0833
Tel: +886-2-2880-5600
Fax: +866-2-2888-3300
USA OFFICE
EUROPE (EMEA) OFFICE
TAIPEI OFFICE


유사한 부품 번호 - GP1272F2

제조업체부품명데이터시트상세설명
logo
XP Power Limited
GP12 XPPOWER-GP12 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Yuan Dean Scientific., ...
GP12 YUANDEAN-GP12 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S03 YUANDEAN-GP12-S03 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S05 YUANDEAN-GP12-S05 Datasheet
380Kb / 2P
AC-DC Converter
GP12-S09 YUANDEAN-GP12-S09 Datasheet
380Kb / 2P
AC-DC Converter
More results

유사한 설명 - GP1272F2

제조업체부품명데이터시트상세설명
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650_17 Datasheet
379Kb / 1P
Valve Regulated Lead Acid Battery
GP672 CSB-BATTERY-GP672_17 Datasheet
425Kb / 1P
Valve Regulated Lead Acid Battery
GP6120 CSB-BATTERY-GP6120_17 Datasheet
388Kb / 1P
Valve Regulated Lead Acid Battery
HR1227W CSB-BATTERY-HR1227W_17 Datasheet
393Kb / 1P
Valve Regulated Lead Acid Battery
HRL1223W CSB-BATTERY-HRL1223W_17 Datasheet
391Kb / 1P
Valve Regulated Lead Acid Battery
HRL12390W CSB-BATTERY-HRL12390W_17 Datasheet
389Kb / 1P
Valve Regulated Lead Acid Battery
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
Valve Regulated Lead Acid Battery
TPL121250A CSB-BATTERY-TPL121250A_17 Datasheet
381Kb / 1P
Valve Regulated Lead Acid Battery
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
Valve Regulated Lead Acid Battery
XHRL12360W CSB-BATTERY-XHRL12360W_17 Datasheet
390Kb / 1P
Valve Regulated Lead Acid Battery
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com