전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N6674 데이터시트(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

부품명 2N6674
상세설명  NPN High Power Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6674 데이터시트(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N6674 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6674 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6674 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 2N6674 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN High Power Silicon Transistor
Rev. V1
2N6674 & 2N6675
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0013437
2
Absolute Maximum Ratings
2. Derate linearly @ 1.0 mW / °C for TA >25°C.
3. Derate linearly @ 34.2 mW / °C for TA >25°C.
4. Derate linearly @ 17.1 mW / °C for TA >25°C.
Ratings
Symbol
2N6674
2N6675
Units
Collector - Emitter Voltage
VCEO
300
400
Vdc
Collector - Base Voltage
VCBO/VCBX
450
650
Vdc
Emitter - Base Voltage
VEBO
7
Vdc
Collector Current
IC
15
Adc
Base Current
IB
Adc
5
Total Power Dissipation
@ TA = +25°C
2
@ TA = +25°C
PT
63
175
34
175
W
Operating & Storage Temperature Range
TOP, TSTG
-65 to +200
°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
1°C/W
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Switching Characteristics
Delay Time
Rise Time
Storage Time
Fall Time
Cross-Over Time
See figure 3 of MIL-PRF-19500/537
TD
TR
TS
TF
TC
µs
—
0.1
0.6
2.5
0.5
0.5
Safe Operating Area
DC Tests:
TC = +25°C, I Cycle, t = 1.0 s (see figure 4 of MIL-PRF-19500/537)
Test 1:
VCE = 11.7 Vdc, IC = 15 Adc
Test 2:
VCE = 30 Vdc, IC = 5.9 Adc
Test 3:
VCE = 100 Vdc, IC = 0.25 Adc
Test 4:
VCE = 25 Vdc, IC = 7 Adc
Test 5:
VCE = 300 Vdc, IC = 20 mAdc, (for 2N6674)
VCE = 400 Vdc, IC = 10 mAdc, (for 2N6675)
Clamped Switch:
TA = +25°C, VCC = 15 Vdc, load condition B, RBB1 = 5 Ω, RBB2 = 1.5 Ω,
RBB2 = 5 Vdc, L = 50 µH, R of inductor = 0.05 Ω, RL = R of inductor, (see figure 6 of MIL-PRF-19500/537)
Clamp Voltage = 350; IC = 10 Adc, (2N6674)
Clamp Voltage = 450; IC = 10 Adc, (2N6675)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com